PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
AS1117M3 AS1117U-5.0 AS1117T-2.5 AS1117S-5.0 AS111 |
ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 Analog IC 模拟IC Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 800mA Low Dropout Regulator
SCSI-II Active Terminator
|
Alpha Industries, Inc. TE Connectivity, Ltd. SIPEX
|
MIC37101-1.5BM MIC37101-1.5YM MIC37101-1.65BM MIC3 |
1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 FPGA 1600000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
MIC530808 MIC5308-1.8YMTTR MIC5308-1.5YMT MIC5308- |
Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ 1.8 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, DSO6 1.2 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO6 0.8 V-2 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.15 V DROPOUT, DSO6
|
Micrel Semiconductor MICREL INC
|
LT1085CT-12 LT1085CT-3.3 LT1085CT-3.6 LT1085CT-5 L |
TV 128C 128#22D SKT PLUG 3A/ 5A/ 7.5A Low Dropout Positive Fixed Regulators From old datasheet system TV 37C 37#16 PIN PLUG 3A, 5A, 7.5A Low Dropout Positive Fixed Regulators 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 TV 30C 30MIX SKT PLUG RECP IC-VOLTAGE REGULATOR 12V
|
Seme LAB LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
APL111728FC-TRG APL111728VC-TRG APL111750VC-TRL AP |
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 GREEN, PLASTIC, TO-261AA, SOT-223, 4 PIN 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, SFM3 GREEN, TO-220AB, 3 PIN 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Anpec Electronics Coropration ANPEC ELECTRONICS CORP Anpec Electronics, Corp. Anpec Electronics Corop...
|
MIC5200 MIC5200-3.0BM MIC5200-3.0BS MIC5200-3.3BM |
100mA Low-Dropout Voltage Regulator Preliminary Information Circular Connector; No. of Contacts:32; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-32 100mA Low-Dropout Voltage Regulator Preliminary Information 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 PT 41C 41#20 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W,PTN78060H : 4.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 MB 32C 32#20 PIN RECP 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
OM1840SZM OM1840NCM OM-1840-N-C-M OM1840NKM OM-184 |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
|
IRF[International Rectifier]
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
OM1830SCM OM1830NCM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
|